PART |
Description |
Maker |
GDS1110BC |
Intel? Pentium? M Processor with Intel? 855GME and Intel? FW82801DB Development Kit
|
Intel Corporation
|
CEM820 CEM820VG CEM820VG-1GE 5078D830100E 5078D830 |
Socket 478 Intel Pentium M COM Express Type 2 Module with Intel 915GME/910GMLE ICH6M Chipset
|
Axiomtek Co., Ltd.
|
SBC-220 |
Integrated Intel? Gen8 Intel Graphics DX 11*, OGL3.2
|
List of Unclassifed Man...
|
IMB203VGGA 593836A0030E 59380402010E 593826A0000E |
LGA775 Intel Core2 Duo ATX Industrial Motherboard with Intel Q45 ICH10DO Chipset, iAMT, iTPM and RAID
|
Axiomtek Co., Ltd.
|
MANO873 |
LGA1155 Socket Intel Core i7/ i5/ i3/ Celeron Mini ITX SBC with Intel Q77 PCH, VGA/DVI-D, Dual LANs and USB 3.0
|
Axiomtek Co., Ltd.
|
UPR1A332MHH UPR1A471MPH UPR2A101MHH UPR1V471MPH |
Intel® Core i7-920 Processor (8M Cache, 2.66 GHz, 4.80 GT/s Intel® QPI) FC-LGA8, Tray Intel® Core i7-965 Processor Extreme Edition (8M Cache, 3.20 GHz, 6.40 GT/s Intel® QPI) FC-LGA8, Tray CAPACITOR 100UF 100V CAPACITOR 470UF 35V 35V的电70UF
|
DB Lectro, Inc.
|
D1688 D1688-A D1683 D1683-A |
Intel 875P Chipset DDR400 SDRAM (PC3200) Memory and Intel Pentium 4 Processors (800 MHz FSB) 英特75P芯片组支DDR400内存(PC3200)内存,英特尔奔处理器(800MHz前端总线
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
T1400 T2500 T2700 L2400 T2300 T2400 U2400 U2500 T1 |
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process 1830 MHz, MICROPROCESSOR, PBGA479
|
Intel Corporation
|
S380F S80F S40F S250F S125F |
Fast Switching Surface Mount Si-Bridge-Rectifiers 4U PICMG 1.3 backplane Pentium 4 Intel ´845GV, 2x Fast Ethernet Core2Duo, Intel '945GM, 3x Gigabit Ethernet 2U high performance PICMG 1.3 Backplan
|
Diotec Semiconductor AG
|
SYS-4U4000-4A05-14 |
3rd Gen Intel? Core?i7/i5/i3 4U 4A053rd Gen Intel? Core?i7/i5/i3 4U
|
Advantech Co., Ltd.
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|